Part Number Hot Search : 
SI4012 3502EM MIW3126 QXL2B104 1100S HIN206CA 135N03 F1401
Product Description
Full Text Search
 

To Download RP10-2405DAW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10 watt 1x1 single & dual output features regulated converters ? 4:1 wide input voltage range ? 1.6kvdc isolation ? ul certifed ? effciency up to 91% ? six-sided continuous shield ? no minimum load required pd-1 rev.: 0/2016 www.recom-power.com dc/dc converter 3 y e a r w a r r a n t y 3 description the rp10-aw series are wide input voltage range 1x1 power dc/dc converters. despite their small size, the rp10-aw converters are fully specifed devices with built-in class b emc flters, no minimum load, 1600vdc isolation, under-voltage lockout and low ripple/noise fgures. the outputs are fully pro - tected against short circuits, overcurrent and overvoltage and can be trimmed over a +/-10% range. the rp10-aw series will fnd many uses in applications where board space is at a premium as no external components are required. e196683 rp10-aw selection guide part number input output output input (1) effciency (1) max. capacitive voltage range voltage current current typ. load [vdc] [vdc] [ma] [ma] [%] [f] rp10-243.3saw (2,3) 9-36 3.3 3000 485 85 3500 rp10-2405saw (2,3) 9-36 5 2000 479 87 2500 rp10-2412saw (2,3) 9-36 12 830 461 90 430 rp10-2415saw (2,3) 9-36 15 670 460 91 350 rp10-2424saw (2,3) 9-36 24 416 462 90 125 rp10-483.3saw (2,3) 18-75 3.3 3000 243 85 3500 rp10-4805saw (2,3) 18-75 5 2000 239 87 2500 rp10-4812saw (2,3) 18-75 12 830 231 90 430 rp10-4815saw (2,3) 18-75 15 670 233 90 350 rp10-4824saw (2,3) 18-75 24 416 231 90 125 RP10-2405DAW (2,3) 9-36 5 1000 479 87 1440 rp10-2412daw (2,3) 9-36 12 416 467 89 250 rp10-2415daw (2,3) 9-36 15 333 468 89 180 rp10-4805daw (2,3) 18-75 5 1000 239 87 1440 rp10-4812daw (2,3) 18-75 12 416 234 89 250 rp10-4815daw (2,3) 18-75 15 333 234 89 180 ul60950-1 certifed ordering examples rp10-2405saw/p = 24v input, 5v output, positive logic ctrl pin and trim pin ftted rp10-4805daw/xc-hc = 48v input, 5v output, without ctrl pin, with ftted heat-sink rp10-2415saw/n = 24v input, 5v output, negative logic ctrl pin and trim pin ftted model numbering input voltage output voltage s ingle or d ual rp10-__ __ _aw/_ _ notes: note1: at nominal input voltage and full load. notes: note2: standard part is with suffx p for positive logic (1=on, 0=off) and trim pin add suffx n instead for negative logic (0=on, 1=off) and trim pin or add suffx xc instead for no ctrl pin note3: add suffx -hc for premounted heat-sink with clamps package (3) ctrl logic (2)
pd-2 rev.: 0/2016 www.recom-power.com dc/dc converter rp10-aw series basic characteristics parameter condition min. typ. max. input voltage range nom. vin = 24v nom. vin = 48v 9vdc 18vdc 24vdc 48vdc 36vdc 75vdc under voltage lockout (uvlo) vin = 24v dc-dc on dc-dc off 8vdc 9vdc vin = 48v dc-dc on dc-dc off 16vdc 18vdc input filter pi-type input refected ripple current nominal vin and full load 30map-p input surge voltage vin = 24v, 1s max. vin = 48v, 1s max. 50vdc 100vdc start-up time power up remote on/off 30ms 30ms operating frequency range 297khz 330khz 363khz minimum load of full load 0% optional power output voltage trimmed up 10% output voltage trimmed up 20% 11w 12w ripple and noise measured by 20mhz bandwidth with a 10f/25v x7r 1206 mlcc 3.3vout, 5vout 12vout, 15vout 40mvp-p 60mvp-p measured by 20mhz bandwidth with a 1f/50v x7r 1206 mlcc 24vout 60mvp-p remote on/off positive logic dc-dc on dc-dc off open or 3.0 < vr < 15vdc short or 0 < vr < 1.2vdc negative logic dc-dc on dc-dc off short or 0 < vr < 1.2vdc open or 3.0 < vr < 15vdc input current of remote pin (ctrl) dc-dc off 2.5ma dc-dc on -0.5 ma 1.0ma specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted effciency vs. output current effciency vs. input voltage 9vin 24vin 36vin efficiency [%] output current [%] 10 40 45 50 55 60 65 70 75 80 85 95 100 20 40 60 80 100 30 50 70 90 90 efficiency [%] input voltage [v] 9 60 65 70 75 80 85 95 100 19 24 14 29 34 90 rp10-2405sa
dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp10-aw series pd-3 rev.: 0/2016 www.recom-power.com regulation parameter condition value output voltage accuracy 1% voltage adjustability single 3.3vout, 12vout others 10% -10% to +20% line voltage regulation low line to high line single dual 0.2% 0.5% load voltage regulation 0% to 100% load single dual 0.2% 1.0% 10% to 90% load single dual 0.1% 0.8% cross regulation asymmetrical 25%<>100% load 5% transient response recovery time 25% load step change 250 s typ. continued on next page external output trimming output voltage trimming single output powerline converters offer the feature of trimming the output voltage over a certain range around the nominal value by using external trim resistors. no general equation can be given for calculating the trim resistors, but the following trimtables give typical values for chosing these trimming resistors. if voltages between the given trim points are required, extrapolate between the two nearest given values to work out the resis tor required or use a variable resistor to set the output voltage. trim up trim down r u 6 5 r d 5 4 trim up 1 2 3 4 5 6 7 8 9 10 % vout = 3.333 3.366 3.399 3.432 3.465 3.498 3.531 3.564 3.597 3.63 volts r u = 385.07 191.51 126.99 94.73 75.37 62.47 53.25 46.34 40.96 36.66 kohms trim down 1 2 3 4 5 6 7 8 9 10 % vout = 3.267 3.234 3.201 3.168 3.135 3.102 3.069 3.036 3.003 2.97 volts r d = 116.72 54.78 34.13 23.81 17.62 13.49 10.54 8.32 6.60 5.23 kohms rp10-xx3.3saw rp10-xx05saw trim up 1 2 3 4 5 6 7 8 9 10 % vout = 5.05 5.10 5.15 5.20 5.25 5.30 5.35 5.4 5.45 5.50 volts r u = 253.45 125.70 83.12 61.82 49.05 40.53 34.45 29.89 26.34 23.50 kohms trim up 11 12 13 14 15 16 17 18 19 20 % vout = 5.55 5.60 5.65 5.70 5.75 5.80 5.85 5.90 5.95 6.00 volts r u = 21.18 19.24 17.60 16.20 14.98 13.92 12.98 12.14 11.39 10.73 kohms trim down 1 2 3 4 5 6 7 8 9 10 % vout = 4.95 4.90 4.85 4.80 4.75 4.70 4.65 4.60 4.55 4.50 volts r d = 248.34 120.59 78.01 56.71 43.94 35.42 29.34 24.78 21.23 18.39 kohms
pd-4 rev.: 0/2016 www.recom-power.com dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp10-aw series protection parameter condition value short circuit protection (scp) continuous, automatic recovery over voltage protection (ovp) zener diode clamp 3.3vout 5vout 12vout 15vout 24vout 3.7 - 5.4v 6.3 - 7.4v 13.5 - 19.6v 18.3 - 22.0v 29.1 - 32.5v over load protection (olp) hiccup mode 150% typ. isolation voltage i/p to o/p i/p (o/p) to case 1.6kvdc/1 minute 1.0kvdc/1 minute isolation resistance tested with 500vdc 1g ? min. isolation capacitance 1500pf max. notes: note4: this power module is not internally fused. an input line fuse must always be used. trim up 1 2 3 4 5 6 7 8 9 10 % vout = 12.12 12.24 12.36 12.48 12.60 12.72 12.84 12.96 13.08 13.20 volts r u = 203.22 99.06 64.33 46.97 36.56 29.61 24.65 20.93 18.04 15.72 kohms trim down 1 2 3 4 5 6 7 8 9 10 % vout = 11.88 11.76 11.64 11.52 11.40 11.28 11.16 11.04 10.92 10.8 volts r d = 776.56 380.72 248.78 182.81 143.22 116.83 97.98 83.85 72.85 64.06 kohms rp10-xx12saw rp10-xx15saw trim up 1 2 3 4 5 6 7 8 9 10 % vout = 24.24 24.48 24.72 24.96 25.20 25.44 25.68 25.92 26.16 26.40 volts r u = 570.33 278.67 181.44 132.83 13.67 84.22 70.33 59.92 51.82 45.33 kohms trim up 11 12 13 14 15 16 17 18 19 20 % vout = 26.64 26.88 27.12 27.36 27.60 27.84 28.08 28.32 28.56 28.80 volts r u = 40.03 35.61 31.87 28.67 25.89 23.46 21.31 19.41 17.70 16.17 kohms trim down 1 2 3 4 5 6 7 8 9 10 % vout = 23.76 23.52 23.28 23.04 22.80 22.56 22.32 22.08 21.84 21.60 volts r d = 4947.67 2439.33 1603.22 1185.17 934.33 767.11 647.67 558.08 488.41 432.67 kohms trim up 1 2 3 4 5 6 7 8 9 10 % vout = 15.15 15.30 15.45 15.60 15.75 15.90 16.05 16.20 16.35 16.50 volts r u = 161.56 78.22 50.45 36.56 28.22 22.67 18.70 15.72 13.41 11.56 kohms trim up 11 12 13 14 15 16 17 18 19 20 % vout = 16.65 16.80 16.95 17.10 17.25 17.40 17.55 17.70 17.85 18.00 volts r u = 10.04 8.78 7.71 6.80 6.00 5.31 4.69 4.15 3.66 3.22 kohms trim down 1 2 3 4 5 6 7 8 9 10 % vout = 14.85 14.70 14.55 14.40 14.25 14.10 13.95 13.80 13.65 13.50 volts r d = 818.22 401.56 262.67 193.22 151.56 123.78 103.94 89.06 77.48 68.22 kohms rp10-xx24sa
dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp10-aw series pd-5 rev.: 0/2016 www.recom-power.com environmental parameter condition value operating temperature range without derating with derating -40c to +78c -40c to +100c maximum case temperature +105c temperature coeffcient 0.02%/c max. thermal impedance natural convection (20lfm) without heat-sink natural convection (20lfm) with heat-sink 18.2c/w 15.8c/w operating humidity 5% - 95% rh thermal shock mil-std-810f vibration mil-std-810f mtbf mil-hdbk-217f 3376 x 10 3 hours derating graph (5) notes: note5: derating graphs are valid only for the shown part numbers. if you need detailed derating-information about a part- number not shown here please contact our technical support service at techsupportat@recom-power.com -40 60 78 80 100 40 20 0 -20 0 20 40 60 80 100 ambient temperature [c] output power [%] -40 60 81 80 100 40 20 0 -20 0 20 40 60 80 100 ambient temperature [c] output power [%] rp10-2405saw rp10-2405saw-hc safety and certifications certifcate type (safety) report / file number standard ul general safety e196683 ul60950-1 1st ed.: 2003 c22.2 no. 60950 1st. ed.: 2003 emc compliance condition standard / criterion emi standard (6) with external flter en55022, class a or b esd radiated immunity fast transient (7) surge (7) conducted immunity power frequency magnetic feld air 8kv and contact 6kv 10 v/m 2kv 1kv 3 vr.m.s 100a/m continuous, 1000a/m 1 second en61000-4-2, criteria a en61000-4-3, criteria a en61000-4-4, criteria a en61000-4-5, criteria a en61000-4-6, criteria a en61000-4-8, criteria a continued on next page notes: note6: the standard modules meet emi class a without external components and class b with external components; see flter suggestions below. rp10-2405saw meets emi class b without external components. note7: an external input flter capacitor is required if the module has to meet en61000-4-4, en61000-4-5. the flter capacitor recom suggests: nippon chemi-con ky series, 220 f/100v.
dimensions and physical characteristics parameter type value material case base potting copper alloy c2680 fr4 pcb epoxy (ul94-v0) package dimensions (lxwxh) without heat-sink with heat-sink 25.4 x 25.4 x 9.9mm 31.4 x 25.4 x 16.5mm package weight without heat-sink with heat-sink 16.5g 22.94g continued on next page pd-6 rev.: 0/2015 www.recom-power.com dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp10-aw series dimension drawing (mm) bottom view 25.4 2.54 7.62 9.9 5.6 20.32 10.2 5.08 12.70 25.4 ? 1.0 1 4 5 6 2 3 pin connections pin # single dual 1 +vin +vin 2 -vin -vin 3 ctrl (2) ctrl (2) 4 +vout +vout 5 trim com 6 -vout -vout pin pitch tolerance 0.25mm pin dimension tolerance 0.1mm xx.x 0.5mm xx.xx 0.25mm input input dc dc fuse c1 fuse c1 +v in +v out -v out -v in load load load dc dc +v in +v out gnd -v out -v in input input dc dc fuse c1 fuse c1 +v in +v out -v out -v in load load load dc dc +v in +v out gnd -v out -v in model c1 rp10-24xxs_da 6.8f/50v 1812 mlcc rp10-48xxs_da 4.7f/100v 1812 mlcc emi filtering class b
dimension drawing (mm) with heat-sink 31.4 5.6 16.5 9.9 20.32 25.4 ? 1.0 2.54 24.20 24.20 top view heat-sink 5.85 the product information and specifcations are subject to change without prior notice. recom products are not authorized for use in safety-critical applications (such as life support) without recoms explicit written consent. a safety-critical application is defned as an application where a failure of a recom product may reasonably be expected to endanger or cause loss of life, infict bodily harm or damage property. the buyer shall indemnify and hold harmless recom, its affliated companies and its representatives against any damage claims in connection with the unauthorized use of recom products in such safety-critical applications. dc/dc converter specifcations measured at ta = 25c, nominal input voltage, full load otherwise noted rp10-aw series pd-7 rev.: 0/2015 www.recom-power.com packaging information parameter type value packaging dimensions (lxwxh) tube tray 257 x 28.5 x 21mm 230 x 180 x 28mm packaging quantity without heat-sink with heat-sink tube tray 8pcs. 20pcs. storage temperature range -55c to +125c storage humidity 5% - 95% rh tube dimension drawing (mm) 26.50.5 14.50.5 190.5 11.40.5 r1.5


▲Up To Search▲   

 
Price & Availability of RP10-2405DAW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X